PART |
Description |
Maker |
MN3208 |
2048 STAGE LOW VOLTAGE OPERATION LOW NOISE BBD
|
PANASONIC[Panasonic Semiconductor]
|
MN3207 |
1024-Stage Low Voltage Operation, Low Noise BBD for Analog Signal Delays
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
UPD44321182GF-A50 UPD44321362GF-A50 |
Film Capacitor; Voltage Rating:630VDC; Capacitor Dielectric Material:Polypropylene; Capacitance:22000pF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:Yes; Series:171; Termination:Radial Leaded 32M-BIT ZEROSB SRAM PIPELINED OPERATIO
|
NEC Corp.
|
74LCXU04 74LCXU04TTR 74LCXU04MTR 74LCXU04-06 |
Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
|
STMicroelectronics
|
IDT72V201L20J IDT72V201L20JI IDT72V211L20J IDT72V2 |
512 x 9 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3 VOLT CMOS SyncFIFO⑩ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 11C 11#16 SKT RECP BOX RM 3.3 VOLT CMOS SyncFIFO 256 x 9/ 512 x 9/ 1/024 x 9/ 2/048 x 9/ 4/096 x 9 and 8/192 x 9 3.3 VOLT CMOS SyncFIFO256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3伏的CMOS SyncFIFO56 × 912 × 9,024 × 9,048 × 9,096 × 9,192 × 9 GT 6C 3#4 3#16 SKT RECP WALL 1K X 9 OTHER FIFO, 6.5 ns, PQCC32 GT 7C 7#16S PIN RECP 3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 8C 8#16 SKT RECP WALL GT 3C 3#16S PIN RECP WALL GT 4C 4#12 PIN PLUG 3.3 VOLT CMOS SyncFIFO?256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
2SD822 2SD882 2SD882P 2SD882Q |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|叩| 30V的五(巴西)总裁| 3A条一(c)|26 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset NPN(for the output stage of 3 watts audio amplifier/ voltage regulator/ DC-DC converter and relay driver) NPN SILICON POWER TRANSISTOR NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
|
NEC Corp. NEC[NEC]
|
STB40NF10T4 |
N-CHANNEL 100V - 0.024 OHM - 50A D2PAK LOW GATE CHARGE STRIPFET II MOSFET
|
ST Microelectronics
|
BC857BW BC857AW BC856BW BC857CW BC858CW BC858AW Q6 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-SOIC -55 to 125
|
http:// SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SC4209 E000915 |
NPN EPITAXIAL YTP (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS) From old datasheet system DRIVER STAGE AMPLIFIER APPLICATIONS VOLTAGE AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor Panasonic Semiconductor
|
2SC1627 E000665 |
TRANSISTOR (DRIVER STAGE/ VOLTAGE AMPLIFIER APPLICATIONS) TRANSISTOR (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS) DRIVER STAGE AMPLIFIER APPLICATIONS VOLTAGE AMPLIFIER APPLICATIONS From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BUP410D Q67040-A4425-A2 |
IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode) High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-TSSOP -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
0877822003 87782-2003 |
0.60mm (.024) Pitch miniDIMM DDR2, Socket, Surface Mount, Vertical, 1.8V Voltage Key, 244 Circuits, 0.76μm (30μ) Gold (Au) Plating, Off- White Latches
|
Molex Electronics Ltd.
|